PART |
Description |
Maker |
5B03 5B04 |
5B Series Single Channel Mounting Card 5B Series Dual Channel Mounting Card
|
Analog Devices
|
E3T-CD11 E3T-FD11 E3T-FD11M E3T-FD11M2M E3T-FD12 E |
The Improved E3T Series with Easier, Smoother Mounting and Installation
|
Omron Electronics LLC
|
558-0101-001F 558-0101-003F 558-0101-007F 558-0101 |
558 Series Snap-in LED - .156 Mounting Hole
|
Dialight Corporation
|
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
LA7567N LA7567NM |
EB Melody & Chime Series; Mounting Style: Panel mount; Functions: Melody & Chime; Rated Voltage: 120V AC; Style: Box style; Color: Beige Enclosure; Diameter: 133mm square; Applicable Model: EB 电视和录像机资料表格/中频信号强度因子与PAL制式处理电路/ NTSC制式多格式音频支 EB Melody & Chime Series; Mounting Style: Panel mount; Functions: Melody & Chime; Rated Voltage: 120V AC; Style: Box style; Color: Beige Enclosure TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
SST113 J112 J111 J113 SST111 SST112 |
Mounting Bracket; For Use With:200, 210, 270 Series; Leaded Process Compatible:No RoHS Compliant: Yes N-Channel JFET Switch
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
ECS |
Precision Rotative Transducers, Conductive Plastic, Economic Series, Size 09, Long Life, Bush or Servo Mounting, Comolded Terminals
|
Vishay
|
ICP-S2.3 ICP-N20 ICP-N25 ICP-S1.8 ICP-S0.7 ICP-S0. |
IC Protectors > Surface Mounting Type ICP-S Series IC Protectors > Leaded Type ICP-N/F Series
|
ROHM
|